Part Number Hot Search : 
TDA520 ON0154 AP2552 58000 23151 KA2206 XC6126 MP26056
Product Description
Full Text Search
 

To Download S6430-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features applications l white balance adjustment l color identification l projector and tv brightness level detection l color control l light source color temperature detection photodiode si photodiode rgb color sensor s6428-01 , s6429-01 , S6430-01, s7505-01 s6428-01, s6429-01 and S6430-01 are color sensors designed to respectively detect monochromatic colors of blue ( p=460 nm), green ( p=540 nm) and red ( p=660 nm). s7505-01 use a 3-channel (rgb) photodiode having blue, green and red sensitivities, and is molded into a surface-mountable pack age. l plastic package (6 8 mm) l spectral response range s6428-01: 400 to 540 nm ( p=460 nm) s6429-01: 480 to 600 nm ( p=540 nm) S6430-01: 590 to 720 nm ( p=660 nm) l insensitive to near ir range l high sensitivity s6428-01: 0.22 a/w typ. ( = p) s6429-01: 0.27 a/w typ. ( = p) S6430-01: 0.45 a/w typ. ( = p) l low dark current s6428-01, s6429-01, S6430-01 l 3 ch (rgb) si photodiode l surface mountable plastic package (9 9.6 mm) l high sensitivity s7505-01 fwhm wavelength (nm) relative sensitivity (%) 100 50 kspdc0031ea general ratings / absolute maximum ratings absolute maximum ratings active area size effective active area reverse voltage v r max. operating tem p erature topr storage tem p erature tstg type no. dimensional outline (mm) (mm 2 )(v)(c)(c) s6428-01 s6429-01 S6430-01 ? 2.4 2.8 6.7 s7505-01 ? green, red: 1.5 1.5 blue : 1.5 1.5 ( 2 elements ) green, red: 2.25 blue : 4.5 10 -10 to +60 -20 to +70 electrical and optical characteristics (typ. ta=25 c, unless otherwise noted) s p ectral res p onse range peak sensitivity wavelength p photo sensitivit y s = p dark current i d v r =1 v temp. coefficient of i d rise time tr v r =0 v r l =1 k ? 10 to 90 % terminal ca p acitance ct v r =0 v f=10 khz spectral response half width fwhm * 2 type no. (nm) (nm) (a/w) t y p. ( pa ) max. ( pa ) (times/c) (s) t y p. ( pf ) max. ( pf ) (nm) s6428-01 400 to 540 460 0.22 90 s6429-01 480 to 600 540 0.27 70 S6430-01 590 to 720 660 0.45 5 20 200 400 90 blue 400 to 540 460 0.18 150 300 90 green 480 to 600 540 0.23 60 s7505-01 red 590 to 720 620 0.16 10 * 1 200 * 1 1.12 0.5 80 150 70 *1: all elements. *2: defined as shown in the figure at right.
si photodiode s6428-01, s6429-01, S6430-01, s7505-01 hamamatsu photonics k.k., solid state division 1126-1 ichino-cho, higashi-ku, hamamatsu city, 435-8558 japan, telephone: (81) 53-434-3311, fax: (81) 53-434-5184, http://www.hamamatsu.com u.s.a.: hamamatsu corporation: 360 foothill road, p.o.box 6910, bridgewater, n.j. 08807-0910, u.s.a., telephone: (1) 908-231-0 960, fax: (1) 908-231-1218 germany: hamamatsu photonics deutschland gmbh: arzbergerstr. 10, d-82211 herrsching am ammersee, germany, telephone: (49) 08152 -3750, fax: (49) 08152-2658 france: hamamatsu photonics france s.a.r.l.: 19, rue du saule trapu, parc du moulin de massy, 91882 massy cedex, france, t elephone: 33-(1) 69 53 71 00, fax: 33-(1) 69 53 71 10 united kingdom: hamamatsu photonics uk limited: 2 howard court, 10 tewin road, welwyn garden city, hertfordshire al7 1bw, unit ed kingdom, telephone: (44) 1707-294888, fax: (44) 1707-325777 north europe: hamamatsu photonics norden ab: smidesv ? gen 12, se-171 41 solna, sweden, telephone: (46) 8-509-031-00, fax: (46) 8-509-031-01 italy: hamamatsu photonics italia s.r.l.: strada della moia, 1/e, 20020 arese, (milano), italy, telephone: (39) 02-935-81-733, fax: (39) 02-935-81-741 information furnished by hamamatsu is believed to be reliable. however, no responsibility is assumed for possible inaccuracies or omissions. specifications are subject to change without notice. no patent rights are granted to any of the circuits described herein. ?200 3 hamamatsu photonics k.k. 0.6 0.5 0.4 0.3 0.2 0.1 0 300 400 500 600 700 800 900 1000 1100 1200 wavelength (nm) photo sensitivity (a/w) (typ. ta=25 ?c) qe=100 % s6429-01 (green) S6430-01 (red) s6428-01 (blue) 0.1 0.01 1 10 100 (typ. ta=25 ? c) reverse voltage (v) dark current 100 fa 10 pa 1 pa 100 pa 1 na s7505-01 s6428-01, s6429-01 S6430-01 (8.5) 8.0 4.5 7.8 6.0 0.8 3.4 0.3 1.4 0.3 1.0 2.2 photosensitive surface tolerance unless otherwise noted: 0.15 active area 2.8 2.4 filter + 0 - 0.1 + 0 - 0.3 + 0 - 0.1 + 0 - 0.1 + 0.2 - 0.5 9.0 * (6 ) 0.4 1.5 0.4 1.5 0.4 index (c 0.7) filter active area details of photodiode 0.7 0.3 0.2 (2 ) 10 ? (2 ) 10 ? 0.7 0.3 filter 0.6 0.1 0.1 12.0 0.3 2.54 2.54 9.6 * 0.55 0.85 1.5 (2 ) 10 ? (2 ) 10 ? 1.5 1.5 0.2 1.5 1.5 0.2 anode (blue) cathode common anode (green) anode (red) cathode common nc tolerance unless otherwise noted: 0.1 chip position accuracy with respect to the package dimensions marked * x, y  0.2  2 ? bb gr blue blue green red photosensitive surface cat. no. kspd1013e04 jul. 2003 dn   spectral response (s6428-01, s6429-01, S6430-01)   dark current vs. reverse voltage   dimensional outlines (unit: mm) kspdb0141ec kmpdb0217ea kspdb0142ec kspda0056ea kmpda0073ed  s6428-01, s6429-01, S6430-01  s7505-01 0.1 1 10 100 reverse voltage (v) terminal capacitance 10 pf 100 pf 1 nf (typ. ta=25 ? c) s7505-01 (red, green) s7505-01 (blue) s6428-01, s6429-01, S6430-01   terminal capacitance vs. reverse voltage kspdb0143ec (typ. ta=25 ? c) 0.3 0.2 0.1 0 200 300 400 500 600 700 800 900 1000 1100 1200 wavelength (nm) photo sensitivity (a/w) qe=100 % red green blue   spectral response (s7505-01)


▲Up To Search▲   

 
Price & Availability of S6430-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X